|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
STZ8000 Series SILICON PLANAR ZENER DIODES For stabilization of power supply application PINNING PIN 1 2 www..com DESCRIPTION Cathode Anode 1 2 Top view Simplified outline SOD-323 and symbol Absolute Maximum Ratings (Ta = 25 OC) Parameter Power Dissipation Repetitive Peak Forward Current Junction Temperature Storage Temperature Range Symbol Ptot IFRM Tj TS Value 300 200 150 - 55 to + 150 Unit mW mA O C C O Characteristics at Tamb = 25 OC Parameter Thermal Resistance Junction to Ambient Air Forward Voltage at IF = 10 mA Symbol RthA VF Max. 0.3 1 Unit K/mW V SEMTECH ELECTRONICS LTD. (Subsidiary of Semtech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724) (R) Dated : 02/08/2006 STZ8000 Series Zener Voltage Range 1) lZT mA STZ8024 STZ8027 STZ8027A STZ8027B STZ8030 STZ8030A STZ8030B STZ8033 STZ8033A STZ8033B STZ8036 STZ8036A STZ8036B STZ8039 STZ8039A STZ8039B STZ8043 STZ8043A STZ8043B STZ8043C STZ8047 STZ8047A STZ8047B STZ8047C STZ8051 STZ8051A STZ8051B STZ8051C STZ8056 STZ8056A STZ8056B STZ8056C STZ8062 STZ8062A STZ8062B STZ8062C STZ8068 STZ8068A STZ8068B STZ8068C STZ8075 STZ8075A STZ8075B STZ8075C 1A1 1B1 1C1 1D1 1E1 1F1 1G1 1H1 1J1 1K1 1L1 1M1 1N1 1P1 1Q1 1R1 1S1 1T1 1U1 1W1 1X1 1Y1 1Z1 2A1 2B1 2C1 2D1 2E1 2F1 2G1 2H1 2J1 2K1 2L1 2M1 2N1 2P1 2Q1 2R1 2S1 2T1 2U1 2W1 2X1 5 5 5 5 5 5 5 5 5 5 5 5 5 www..com Type Marking Code Dynamic Impedance rZjT 100 110 Reverse Leakage Current IR at A(Max.) 120 120 Temp. coefficient of Zener Voltage SZ (mV/OC) Typ. at IZT -1.6 -2 for VZ V 2.28...2.6 2.5...2.9 2.5...2.75 2.65...2.9 2.8...3.2 2.8...3.05 2.95...3.2 3.1...3.5 3.1...3.35 3.25...3.5 3.4...3.8 3.4...3.65 3.55...3.8 3.7...4.1 3.7...3.97 3.87...4.1 4...4.6 4.03...4.26 4.17...4.4 4.31...4.54 4.4...5 4.45...4.69 4.59...4.83 4.74...4.99 4.8...5.4 4.87...5.12 5...5.26 5.14...5.4 5.3...6 5.3...5.58 5.48...5.76 5.66...5.95 5.8...6.6 5.85...6.15 6.05...6.36 6.24...6.56 6.4...7.2 6.44...6.77 6.64...6.98 6.85...7.2 7...7.9 7.07...7.43 7.29...7.67 7.51...7.89 rZjK - at IZK mA - VR V 1 1 (Max.) (Max.) 120 - - 50 1 -2.1 130 - - 20 1 -2.4 130 - - 10 1 -2.4 130 - - 10 1 -2.5 130 - - 10 1 -2.5 80 800 1 2 1 -1.4 60 500 1 2 1.5 -0.8 40 200 0.5 1 2.5 1.2 30 100 0.5 1 3 2.3 20 60 0.5 0.5 3.5 3 20 60 0.5 0.5 4 4 SEMTECH ELECTRONICS LTD. (Subsidiary of Semtech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724) (R) Dated : 02/08/2006 STZ8000 Series Zener Voltage Range 1) lZT mA STZ8082 STZ8082A STZ8082B STZ8082C STZ8091 STZ8091A STZ8091B STZ8091C STZ8100 STZ8100A STZ8100B STZ8100C STZ8110 STZ8110A STZ8110B STZ8110C STZ8120 STZ8120A STZ8120B STZ8120C STZ8130 STZ8130A STZ8130B STZ8130C STZ8140 STZ8150 STZ8150A STZ8150B STZ8150C STZ8160 STZ8160A STZ8160B STZ8160C STZ8180 STZ8180A STZ8180B STZ8180C STZ8200 STZ8200A STZ8200B STZ8200C STZ8220 STZ8220A STZ8220B STZ8220C 2Y1 2Z1 3A1 3B1 3C1 3D1 3E1 3F1 3G1 3H1 3J1 3K1 3L1 3M1 3N1 3P1 3Q1 3R1 3S1 3T1 3U1 3W1 3X1 3Y1 3Z1 4A1 4B1 4C1 4D1 4E1 4F1 4G1 4H1 4J1 4K1 4L1 4M1 4N1 4P1 4Q1 4R1 4S1 4T1 4U1 4W1 5 5 5 5 5 5 5 5 5 5 5 5 www..com Type Marking Code Dynamic Impedance rZjT rZjK at IZK mA Reverse Leakage Current IR at A(Max.) VR V Temp. coefficient of Zener Voltage SZ (mV/OC) Typ. at IZT for VZ V 7.7...8.7 7.77...8.17 8.03...8.43 8.29...8.7 8.5...9.6 8.58...9.02 8.87...9.33 9.14...9.6 9.4...10.6 9.44...9.92 9.75...10.25 10.07...10.59 10.4...11.6 10.4...10.94 10.73...11.28 11.05...11.6 11.4...12.7 11.4...11.96 11.73...12.33 12.06...12.68 12.4...14.1 12.4...12.99 12.73...13.4 13.25...14.08 13.65...14.35 13.9...15.6 13.9...14.76 14.6...15.35 14.95...15.6 15.3...17.1 15.3...16.09 15.7...16.5 16.26...17.1 16.9...19.1 16.9...17.76 17.55...18.45 18.2...19.1 18.8...21.2 18.85...19.81 19.5...20.5 20.15...21.19 20.8...23.3 20.8...21.86 21.45...22.55 22.1...23.24 (Max.) (Max.) 20 60 0.5 0.5 5 4.6 20 60 0.5 0.5 6 5.5 30 60 0.5 0.1 7 6.4 30 60 0.5 0.1 8 7.4 30 80 0.5 0.1 9 8.4 35 80 0.5 0.1 10 9.4 40 80 0.5 0.1 10 10 40 80 0.5 0.1 11 11.4 50 80 0.5 0.1 12 12.4 60 80 0.5 0.1 13 14.4 80 100 0.5 0.1 15 16.4 80 100 0.5 0.1 17 18.4 SEMTECH ELECTRONICS LTD. (Subsidiary of Semtech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724) (R) Dated : 02/08/2006 STZ8000 Series Zener Voltage Range 1) lZT mA STZ8240 STZ8240A STZ8240B STZ8240C STZ8270 STZ8270A STZ8270B STZ8270C STZ8300 STZ8300A STZ8300B STZ8300C STZ8330 STZ8330A STZ8330B STZ8330C STZ8360 STZ8360A STZ8360B STZ8360C STZ8390 STZ8390A STZ8390B STZ8390C 1) www..com Type Marking Code 4X1 4Y1 4Z1 5A1 5B1 5C1 5D1 5E1 5F1 5G1 5H1 5J1 5K1 5L1 5M1 5N1 5P1 5Q1 5R1 5S1 5T1 5U1 5W1 5X1 Dynamic Impedance rZjT rZjK at IZK mA Reverse Leakage Current IR at A(Max.) VR V Temp. coefficient of Zener Voltage SZ (mV/OC) Typ. at IZT for VZ V 22.8...25.6 22.8...23.97 23.5...24.7 24.35...25.6 25.1...28.9 25.3...26.7 26.3...27.7 27.3...28.7 28...32 28.3...29.7 29.3...30.8 30.2...31.8 31...35 31.2...32.8 32.2...33.8 33.2...34.9 34...38 34.1...35.9 35.1...36.9 36.1...37.9 37...41 37.1...39 38...40 39...41 (Max.) (Max.) 5 100 120 0.5 0.1 19 20.4 2 120 120 0.5 0.1 21 23.4 2 160 160 0.5 0.1 23 26.6 2 200 200 0.5 0.1 25 29.7 2 250 250 0.5 0.1 27 33 2 300 300 0.5 2 30 35.6 VZ is tested with pulses (20 ms). 300 Power Dissipation: Ptot (mW) 200 100 0 0 25 100 Ambient Temperature: Ta ( C) O 150 Derating Curve SEMTECH ELECTRONICS LTD. (Subsidiary of Semtech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724) (R) Dated : 02/08/2006 STZ8000 Series PACKAGE OUTLINE Plastic surface mounted package; 2 leads www..com SOD-323 A c HE D A E bp UNIT mm A 1.10 0.80 bp 0.40 0.25 C 0.15 0.00 D 1.80 1.60 E 1.35 1.15 HE 2.80 2.30 SEMTECH ELECTRONICS LTD. (Subsidiary of Semtech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724) (R) Dated : 02/08/2006 |
Price & Availability of 8082C |